PART |
Description |
Maker |
12061C104M4T2A 12061C103K4T2A 08051C104K4T2A 0402Y |
Automotive MLCC Automotive AVX Corporation has supported the Automotive Industry requirements for Multilayer Ceramic Capacitors consistently for more than 10 years. Automotive MLCC Automotive MLCC Automotive
|
AVX Corporation
|
BUV28A BUV40 BUV27A BUW91 BUV26A |
8-bit MCU for automotive with single voltage, Flash memory, data EEPROM, ADC, timers, SPI 8-bit low cost, low pin-count MCU for automotive with single voltage Flash memory, ADC, timers 8-bit MCU for automotive with Flash or ROM, 10-bit ADC, 5 timers, SPI, LINSCI", active CAN 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 12A条一(c)| TO - 220AB现有 VERY LOW DROP VOLTAGE REGULATOR 晶体管|晶体管| npn型| 200伏五(巴西)总裁|5A一(c)|的SOT - 93
|
STMicroelectronics N.V.
|
BUT11/B BUT11A/B |
3.3V range 8-bit MCU for automotive with 16/32 Kbyte Flash or 16 Kbyte ROM, 10-bit ADC, 4 timers, SPI and SCI interfaces 8-bit MCU for automotive with 16 to 60 Kbyte Flash, ADC, CSS, 5 timers, SPI, SCI, I2C interface 双极晶体管HOCHSPANNUNG
|
NXP Semiconductors N.V.
|
ST72F32AK2TCXS |
8-bit MCU for automotive, 16 Kbyte Flash, 10-bit ADC, 4 timers, SPI, SCI
|
ST Microelectronics
|
UAA2050T |
8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
|
|
ST72254GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
ST72F561J9TBS ST72F561J9TBXS ST72F561J9TCS ST72F56 |
8-bit MCU for automotive
|
ST Microelectronics
|
STM8AH51A8 STM8AH51AA |
Automotive 8-bit MCU
|
STMicroelectronics
|
ST72F324BK6TCS ST72F324BK6TCTXS ST72F324BK6TAS ST7 |
8-bit MCU for automotive, 3.8 to 5.5V operating range with 32 Kbyte Flash, 10-bit ADC, 4 timers, SPI, SCI 8-bit MCU for automotive, 3.8 to 5.5V operating range with 16 Kbyte Flash, 10-bit ADC, 4 timers, SPI, SCI 8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 Kbyte Flash, 10-bit ADC, 4 timers, SPI, SCI 8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 Kbyte Flash, 10-bit ADC, 4 timers, SPI, SCI
|
ST Microelectronics
|
STM8AF5269 STM8AF528A STM8AF5268 STM8AF526X STM8AF |
Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
|
STMicroelectronics
|
|